PART |
Description |
Maker |
WM0834 WM0838 WM0834CN WM0834LCN WM0838CDW WM0834C |
ARRAY NPN TRANS/ZENER DIO SOT363 8-BIT QUAD INPUT ADC WITH SERIAL INTERFACE 8-BIT OCTAL INPUT ADC WITH SERIAL INTERFACE From old datasheet system 8-Bit ADCs with Serial Interface and Configurable Input Multiplexer TVS UNIDIRECT 1500W 30V SMC
|
WOLFSON[Wolfson Microelectronics plc]
|
BDT63C BDT63A-SM BDT63C-SM |
DIODE TVS 6.5V 1500W UNI 5% SMC TRANSISTOR DARLINGTON
|
HI
|
ISL6613BIB-T ISL6612BIRZ-T ISL6612BIBZ |
TVS UNIDIRECT 1500W 33V SMC 3 A HALF BRDG BASED MOSFET DRIVER, PDSO8 Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP 3 A HALF BRDG BASED MOSFET DRIVER, PDSO10 7-Bit Bus Interfaces With 3-State Outputs 20-TSSOP 0 to 70 3 A HALF BRDG BASED MOSFET DRIVER, PDSO8
|
Intersil, Corp.
|
WM2616 WM2616ID WM2616CD |
From old datasheet system 12-BIT SERIAL INPUT VOLTAGE OUTPUT DAC TVS UNIDIRECT 78V 600W SMB
|
WOLFSON[Wolfson Microelectronics plc]
|
1.5SMC91AT3G 1.5SMC10AT3 1.5SMC11AT3 1.5SMC12AT3 1 |
1500 Watt Peak Power Zener Transient Voltage Suppressors(1500W 峰值功率齐纳抗雷管(TVS)) 1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional* 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 Watt SMC Transient Voltage Suppressors 10 V Unidir 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
http:// ONSEMI[ON Semiconductor]
|
1.5KE18A 1.5KE24A 1.5KE9V1CA 1.5KE100A 1.5KE100CA |
1500W TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB Transient Voltage Suppressors TRANSZORB瞬态电压抑制器 1500W TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201 1500W TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201 Zener TVSs TRANSZORB Transient Voltage Suppressors
|
Diodes, Inc. Electronic Theatre Controls, Inc. Diodes Inc. Vaishali Semiconductor DIODES[Diodes Incorporated]
|
SMCJ28A-13-F SMCJ58A-13-F SMCJ78A-13-F SMCJ90A-13- |
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Diodes, Inc.
|
Z85230-20VSC Z85230-16VSC Z80230-10PSC Z85230-16PS |
FUSE - PTC 0.5/1A SMT 1812 DIODE TVS 7.5V 1.5KW BI-DIR Communications Controller 通信控制 TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:342V; Breakdown Voltage, Vbr:380V; Package/Case:DO-201; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Current IPP @ 10x1000uS:2.8A RoHS Compliant: Yes 通信控制 DIODE TVS 100V 1500W 5% BI AXL 通信控制 TVS Diode; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Microsemi, Corp.
|
DSEC30-06 DSEC30-06B |
TVS 400W 100V UNIDIRECT SMA HiPerFREDTM Epitaxial Diode with common cathode and soft recovery Fast Recovery Diodes
|
IXYS Corporation
|
SMCJ33A |
TVS Pack: SMC
|
GULF SEMI
|
3KP70CA-G 3KP70A-G 3KP45A-G 3KP36A-G 3KP36CA-G 3KP |
Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=45V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=36V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=54V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=90V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=28V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=80V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=33V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=350V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=250V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=14V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=18V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=26V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=19V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=85V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6V, Tolerance=5%
|
Comchip Technology
|
|